Part Number Hot Search : 
P5050C MCH6614 OP130 100PP 2DC4617Q MZT3008 F1060 0805T
Product Description
Full Text Search
 

To Download DUR01-12S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VER:04
1/2
* 1 WATT UNREGULATED OUTPUT POWER * 4 PIN SINGLE-IN-LINE PACKAGE (SIP) * HIGH EFFICIENCY FOR LOW POWER APPLICATION * UL 94-V0 NON-CONDUCTED CASE * INTERNAL INPUT & OUTPUT FILTER * INPUT / OUTPUT ISOLATION UP TO 1KVDC
The DUR01 series are the standard building blocks for on-board distributed power systems. They are ideally suited to providing single and dual supplies on primarily digital boards with added benefit of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1 watt.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 1) Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
GENERAL SPECIFICATIONS
1 Watt max 5% 10% of FL of Vin of Vin 15% 10% Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Design meet safety standard Case material Potting material Dimensions
9
See table 1000VDC, min 10 ohms, min 80pF, typ. 90KHz, typ UL60950-1, EN60950-1 Non-conductive black plastic Epoxy (UL94-V0) 0.45 X 0.24 X 0.40 Inch (11.5 X 6.0 X 10.2 mm) 1.5g (0.053oz) 1.137 x 10 hrs
9
3.3V & 5V output 1.3%/1% Line regulation LL to HL at Full Load others 1.2%/1% 3.3V & 5V output Load regulation 10% to 100% FL others Ripple and noise Temperature coefficient Short circuit protection 20MHz bandwidth
100mVp-p 0.1% / C, max Short term
INPUT SPECIFICATIONS
Input voltage range 3.3V nominal input 5V nominal input 12V nominal input 15V nominal input 24V nominal input 3.0 - 3.6VDC 4.5 - 5.5VDC 10.8 - 13.2VDC 13.5 - 16.5VDC 21.6 - 26.4VDC Capacitor
Weight MTBF (Note 2)
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range Storage temperature range Thermal shock Vibration Relative humidity -40C ~ +85C (with derating) -55C ~ +105C MIL-STD-810D 10~55Hz, 10G, 30minutes along X,Y and Z 5% to 95% RH
Input filter
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
VER:04
Model Number
DUR01-33S33 DUR01-33S05 DUR01-33S12 DUR01-33S15 DUR01-05S33 DUR01-05S05 DUR01-05S12 DUR01-05S15 DUR01-12S33 DUR01-12S05 DUR01-12S12 DUR01-12S15 DUR01-15S33 DUR01-15S05 DUR01-15S12 DUR01-15S15 DUR01-24S33 DUR01-24S05 DUR01-24S12 DUR01-24S15
2/2
Capacitor Load max(5)
6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF 6.2uF
Input Range
3.0 - 3.6 VDC 3.0 - 3.6 VDC 3.0 - 3.6 VDC 3.0 - 3.6 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC
Output Current
303mA 200mA 84mA 66mA 303mA 200mA 84mA 66mA 303mA 200mA 84mA 66mA 303mA 200mA 84mA 66mA 303mA 200mA 84mA 66mA
Input Current (3)
473mA 451mA 449mA 423mA 312mA 303mA 272mA 262mA 131mA 126mA 113mA 109mA 105mA 101mA 91mA 87mA 64mA 63mA 57mA 54mA
Eff (%)
68 70 72 75 68 70 78 80 68 70 78 80 68 70 78 80 70 70 78 80
(4)
Note
1. The DUR01 series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment) Maximum value at nominal input voltage and full load of standard type. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load.
3. 4. 5.
OUTPUT POWER (%)
2.
DUR01-24S05 Derating Curve
100 75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100
Nature convection
0.45(11.5) 0.24(6.0)
AMBIENT TEMPERATURE (C)
STANDARD
0.40(10.2) FRONT VIEW 0.02(0.5) 0.16(4.1) 0.08(2.03) 0.30(7.6)
BOTTOM VIEW 0.05(1.2)
PIN 1 2 3 4
SINGLE - INPUT + INPUT - OUTPUT + OUTPUT
0.01x 0.02 ( 0.25 x 0.5) 0.10(2.5) Rectangular Pin
4321
All dimensions in inches(mm) Tolerance : x.xx0.02(x.x0.5) x.xxx0.01(x.xx0.25) Pin pitch tolerance 0.014(0.35)
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice


▲Up To Search▲   

 
Price & Availability of DUR01-12S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X